PART |
Description |
Maker |
AS7C33512PFD18A-133TQCN AS7C33512PFD18A-133TQIN AS |
3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4.5 ns, PQFP100 3.3V 512K x 18 pipeline burst synchronous SRAM 512K X 18 STANDARD SRAM, 4 ns, PQFP100
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corp...
|
IS61NVP25636A-200TQI IS61NLP25636A-200B2I IS61NLP2 |
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 3.1 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 3.1 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 2.6 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 36 ZBT SRAM, 2.6 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PBGA165 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PBGA165 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PBGA119 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 2.6 ns, PQFP100 256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 3.1 ns, PQFP100 256K X 36 ZBT SRAM, 3.1 ns, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
WEDPZ512K72S-150BC WEDPZ512K72S-150BI WEDPZ512K72S |
512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
|
WEDC[White Electronic Designs Corporation]
|
8CN7 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM; Architecture: Standard Sync, Pipeline SCD; Density: 18 Mb; Organization: 512Kb x 36; Vcc (V): 3.1
|
General Electric Company
|
IS61NLP25636 IS61NLP25632 IS61NLP51218 IS61NP51218 |
256K x 32 pipeline no wait state bus sram 256K x 32/ 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K x 32 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
|
ISSI[Integrated Silicon Solution Inc] ISSI[Integrated Silicon Solution, Inc]
|
IS61LPD51218T_D IS61LPD25636T_D IS61SPD51218T_D IS |
512K x 18 synchronous pipeline, double-cycle deselect static RAM 256K x 32 synchronous pipeline, double-cycle deselect static RAM 256K x 36 synchronous pipeline, double-cycle deselect static RAM 256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C3256PFD18A-4TQC AS7C3256PFD16A-4TQC AS7C3256PF |
3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 100 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166MHz
|
Alliance Semiconductor, Corp.
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
WPS512K32-15PJC WPS512K32-15PJI WPS512K32-17PJC WP |
512K x 8 SRAM, 15ns 512K x 8 SRAM, 17ns 512K x 8 SRAM, 20ns 512K x 8 SRAM, 25ns
|
White Electronic Designs
|
AS7C33256PFD16A AS7C33256PFD18A AS7C33256PFD18A-10 |
3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 100 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 133 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 150 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 100 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 166 MHz
|
Alliance Semiconductor
|
|